Part Number Hot Search : 
SPC5603 KBPC3502 M35V5 C330K LVC257A 50006 1040D FSS232
Product Description
Full Text Search
 

To Download OSM5XAH5E1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.optosupply.com ver a.0 t t o o p p s s 5 5 p p o o w w e e r r w w a a r r m m w w h h i i t t e e l l e e d d o o s s m m 5 5 x x a a h h 5 5 e e 1 1 e e ver . 1 features outline dimension high-power led long lifetime operation typical viewing angle : 140deg rohs compliant possible to attach to heat sink directly without using print circuit board. applications indoor & outdoor lighting stage lighting reading lamps display cases, furniture illumination, marker architectural illumination spotlights 6ojunn 5pmfsbodf?nn tolerances are for reference only absolute maximum rating 5b

directivity item symbol value unit dc forward current *1 i f 600 ma pulse forward current*2 i fp 1,000 ma reverse voltage v r 15 v power dissipation*1 p d 6,840 mw operating temperature topr -30 ~ +85 
storage temperature tstg -40~ +100 
lead soldering temperature tsol 260 
/5sec  *1, power dissipation and forward current are the value when the module temperature is set lower than the rating by using an adequate heat sink. *2, pulse width max.10ms duty ratio max 1/10            electrical -optical charac teristics 5b

item symbol condition min. typ. max. 6oju dc forward voltage v f i f =500ma 8.7 10 11.4 v dc reverse current i r v r =15v - - 30 a luminous flux  v i f =500ma 300 370 - lm color temperature cct i f =500ma - 3000 - k x i f =500ma - 0.45 - chromaticity coordinates* y i f =500ma - 0.41 - 50% power angle 2 1/2 i f =500ma - 140 - deg note: don?t drive at rated current more than 5s without heat sink for high power series . * tolerance of chromaticity coordinates is + 10% , * tolerance of luminous flux is + 20% led & application technologies
http://www.optosupply.com ver a.0 t t o o p p s s 5 5 p p o o w w e e r r w w a a r r m m w w h h i i t t e e l l e e d d o o s s m m 5 5 x x a a h h 5 5 e e 1 1 e e ver . 1 heat design the following pictures show some measurem ents of mounted 5w led on the heat sink for each board a and b (see fig 1) with using thermograph to make an observation about heat distri bution. each boards is tested at various current conditions. as a result, led needs larger heat sink as much as possible to reduce its own case temperature. fig. 1 configuration pattern examples for board assembly board led power material surface area (m  ) min. a 5w al 10,300 b 10w al 20,600 c 25w al 51,500 d 50w al 103,000 e 100w al 206,000 f 200w al 412,000 g 300w al 618,000 above tested led device is attached w ith adhesive sheet to the heatsink. for reference's sake, tj absolute maximum rating is defined at 115 ? as a prerequisite on design process of 5w led. board a (surface area=10,300m  ) board b (surface area=20,600m  ) if=600ma if=600ma led & application technologies


▲Up To Search▲   

 
Price & Availability of OSM5XAH5E1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X